Part Number Hot Search : 
2N5630 SDE2526 BYD57MA 74ALS161 X84C1 MAX6711 TLP220 DF75LB80
Product Description
Full Text Search
 

To Download IRF9540S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.917A
HEXFET(R) Power MOSFET
l l l l l l l
IRF9540S
D
Surface Mount Available in Tape & Reel Dynamic dv/dt Rating Repetitive Avalanche Rated P Channel 175C Operating Temperature Fast Switching
VDSS = -100V
G S
RDS(on) = 0.20 ID = -19A
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SMD-220 is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The SMD-220 is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
SMD-220
Absolute Maximum Ratings
Parameter
I D @ TC = 25C ID @ TC = 100C IDM P D @TC = 25C PD @TC = 25C Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Power Dissipation (PCB Mount)** Linear Derating Factor Linear Derating Factor (PCB Mount)** Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
-19 -13 -72 150 3.7 1.0 0.025 20 640 -19 15 -5.5 -55 to + 175 300 (1.6mm from case)
Units
A W W/C V mJ A mJ V/ns C
VGS EAS IAR E AR dv/dt TJ, TSTG
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient (PCB Mount)**
Min.

Typ.

Max.
1.0 40
Units
C/W
** When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994. 3/21/03


▲Up To Search▲   

 
Price & Availability of IRF9540S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X